PART |
Description |
Maker |
CY7C09169A-9AI CY7C09159A CY7C09159A-12AC CY7C0915 |
Memory : Dual-Ports 8K/16K x 9 Synchronous Dual-Port Static RAM Memory 内存
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp.
|
CY7C09159AV-9AC CY7C09169AV-9AC CY7C09159AV-12AC C |
Memory : Dual-Ports
|
Cypress
|
CY7C09359A-6AC CY7C09349A-9AC CY7C09359A-9AC CY7C0 |
4K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 True dual-ported memory cells which allow simultaneous access of the same memory location
|
CYPRESS SEMICONDUCTOR CORP
|
BCM5348M |
SINGLE-CHIP L2 MANAGED SWITCH WITH 48 10/100 PORTS FOUR GbE PORTS
|
Broadcom Corp.
|
BCM5320M BCM5321M |
SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS 单芯片二级管理的240/100端口2 GbE端口开
|
Broadcom Corp. Broadcom, Corp.
|
M76DW52003TA90ZT M76DW52003BA M76DW52003BA70ZT M76 |
SPECIALTY MEMORY CIRCUIT, PBGA73 32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AX92801 |
Dual Gigabit ports with LAN bypass function
|
Axiomtek Co., Ltd.
|
ACT-S4M32C-100F2T ACT-S4M32C-100F2Q ACT-S4M32C-100 |
RES,1206,5%,1/8W,4.7K 行为F4M32A高28兆扇区擦除闪存多芯片模块 WIRE T LEAD PLASTIC 18AG BK 100' 行为F4M32A高28兆扇区擦除闪存多芯片模块 Connector Wall Plate; Approval Bodies:UL; Approval Categories:UL1863; Body Material:Thermosplastic; Color:White; Number of Ports:4 行为F4M32A高28兆扇区擦除闪存多芯片模块 Connector Wall Plate; Approval Bodies:UL; Approval Categories:UL1863; Body Material:Stainless Steel; Color:Stainless Steel; Number of Ports:3 行为F4M32A高28兆扇区擦除闪存多芯片模块 ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module 行为F4M32A高28兆扇区擦除闪存多芯片模块 Connector Wall Plate; Approval Bodies:UL; Approval Categories:UL1863; Body Material:Stainless Steel; Color:Stainless Steel; No. of Ports:2 RoHS Compliant: NA 行为F4M32A高128兆扇区擦除闪存多芯片模块 2 Port Angled Wall Plate Almond 行为F4M32A高128兆扇区擦除闪存多芯片模块 Connector Wall Plate; Approval Bodies:UL; Approval Categories:UL1863; Body Material:Thermosplastic; Color:White; Number of Ports:6 行为F4M32A高28兆扇区擦除闪存多芯片模块 Connector Wall Plate; Approval Bodies:UL; Approval Categories:UL1863; Body Material:Thermosplastic; Color:Almond; Number of Ports:6 行为F4M32A高28兆扇区擦除闪存多芯片模块 Dual 4-Line To 1-Line Data Selectors/Multiplexers 16-PDIP 0 to 70 Dual 2-Line To 4-Line Decoders/Demultiplexers 16-SOIC 0 to 70 CONN HEADER 6POS 1.5MM R/A SMD Connector Wall Plate; Approval Bodies:UL; Approval Categories:UL1863; Body Material:Stainless Steel; Color:Stainless Steel; Number of Ports:1 KK 156 IDT Assy Ramp Trifurcon 04Ckt Tin
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
ITA-1910-01A1E ITA-1910-00A1E |
Intel? Atom?D525 AFC System with Dual GigaLAN, 16 COM ports and Expansion Slots
|
Advantech Co., Ltd.
|
K5A3X40YTC K5A3240YBC-T855 K5A3240YTC-T855 K5A3240 |
Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|